Part Number Hot Search : 
220MC 2SJ540 BD233 VDZ11B ED502T 3008P LTC2905 TB3100H
Product Description
Full Text Search
 

To Download 71349-1056 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0713491056 Active
cgrid__sl_products 2.54mm (.100") Pitch C-Grid(R) Header, Surface Mount, Dual Row, Vertical, Shrouded, 48 Circuits, 0.38m (15") Gold (Au) Selective Plating, without Press-fit Plastic Pegs
Documents: 3D Model Drawing (PDF)
Product Specification PS-71349-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 71349 Wire-to-Board cgrid__sl_products C-Grid(R) EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name
Physical
Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 48 Black 50 No No No None Yes Brass, Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical 0.000 In 0.00 mm No None 0.000 In 0.00 mm Tube 0.100 In 2.54 mm 15 0.375 75 1.875 No Fully No -40C to +105C Surface Mount
Search Parts in this Series 71349Series Mates With 70013 Interim Clip, 70450a Crimp Housing, 71850 Through-hole Receptacle, 71395 SMT Receptacle
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 30 Reflow Capable (SMT only) 3 245
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-70873-0018 PS-71349-001 SDA-71349-****
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 71349-1056

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X